Part Number Hot Search : 
103M1 59105LX EL2044CN BUP212 SP774BK FOD0720 BUT11A HT1380A
Product Description
Full Text Search
 

To Download HLB122D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HD200206 Issued Date : 2002.05.01 Revised Date : 2005.08.16 Page No. : 1/4
HLB122D
NPN Triple Diffused Planar Type High Voltage Transistor
Description
The HLB122D is a medium power transistor designed for use in switching applications.
Features
* High breakdown voltage * Low collector saturation voltage * Fast switching speed
TO-126ML
Absolute Maximum Ratings (TA=25C)
* Maximum Temperatures Storage Temperature ........................................................................................................................... -55 ~ +150 C Junction Temperature .................................................................................................................................... +150 C * Maximum Power Dissipation Total Power Dissipation (TC=25C) .................................................................................................................... 10 W * Maximum Voltages and Currents BVCBO Collector to Base Voltage....................................................................................................................... 600 V BVCEO Collector to Emitter Voltage.................................................................................................................... 400 V BVEBO Emitter to Base Voltage.............................................................................................................................. 6 V IC Collector Current (DC) ............................................................................................................................... 800 mA IC Collector Current (Pulse).......................................................................................................................... 1600 mA IB Base Current (DC)...................................................................................................................................... 100 mA IB Base Current (Pulse).................................................................................................................................. 200 mA
Electrical Characteristics (TA=25C)
Symbol BVCBO BVCEO BVEBO ICBO ICEO IEBO *VCE(sat)1 *VCE(sat)2 *VBE(sat) *hFE1 *hFE2 tf Min. 600 400 6 10 10 Typ. Max. 10 10 10 400 800 1 40 0.6 uS Unit V V V uA uA uA mV mV V IC=100uA IC=10mA IE=10uA VCB=600V VCE=400V VEB=6V IC=100mA, IB=20mA IC=300mA, IB=60mA IC=100mA, IB=20mA VCE=10V, IC=0.1A VCE=10V, IC=0.5A VCC=100V, IC=0.3A, IB1=-IB2=0.06A
*Pulse Test: Pulse Width 380us, Duty Cycle2%
Test Conditions
Classification of hFE1
Rank Range
HLB122D
B1 10-17
B2 13-22
B3 18-27
B4 23-32
B5 28-37
B6 33-40
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Characteristics Curve
Current Gain & Collector Current
100
Spec. No. : HD200206 Issued Date : 2002.05.01 Revised Date : 2005.08.16 Page No. : 2/4
Saturation Voltage & Collector Current
10000 VCE(sat) @ IC=5IB
125 C
o
Saturation Voltage (mV)
25 C
o
1000
o
hFE
75 C 10
o
75 C
hFE @ VCE=10V
100
125 C
o
25 C
o
1 1 10 100 1000
10 1 10 100 1000
Collector Current-IC (mA)
Collector Current-IC (mA)
Saturation Voltage & Collector Current
1000 25 C
o
Saturation Voltage (mV)
75 C 125 C
o
o
VBE(sat) @ IC=5IB
100 1 10 100 1000
Collector Current-IC (mA)
HLB122D
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
TO-126ML Dimension
A C D E
H LB 1 2 2D
Spec. No. : HD200206 Issued Date : 2002.05.01 Revised Date : 2005.08.16 Page No. : 3/4
Marking:
L
Pb Free Mark
Pb-Free: " . " (Note) Normal: None
I
B 1 F H G M 2 3
Date Code Control Code
Note: Green label is used for pb-free packing Pin Style: 1.Emitter 2.Collector 3.Base Material: * Lead solder plating: Sn60/Pb40 (Normal), Sn/3.0Ag/0.5Cu or Pure-Tin (Pb-free) * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
DIM A B C D E F G H I J K L M N
Min. 7.74 10.87 0.88 1.28 3.50 2.61 13 1.18 2.88 0.68 3.44 1.88 0.50
Max. 8.24 11.37 1.12 1.52 3.75 3.37 1.42 3.12 0.84 2.30 3.70 2.14 0.51
*: Typical, Unit: mm
K J N
3-Lead TO-126ML Plastic Package HSMC Package Code: D
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC. * HSMC reserves the right to make changes to its products without notice. * HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory:
* Head Office (Hi-Sincerity Microelectronics Corp.): 10F.,No. 61, Sec. 2, Chung-Shan N. Rd. Taipei Taiwan R.O.C. Tel: 886-2-25212056 Fax: 886-2-25632712, 25368454 * Factory 1: No. 38, Kuang Fu S. Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel: 886-3-5983621~5 Fax: 886-3-5982931
HLB122D
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Soldering Methods for HSMC's Products
1. Storage environment: Temperature=10oC~35oC Humidity=65%15% 2. Reflow soldering of surface-mount devices Figure 1: Temperature profile
tP TP Ramp-up TL Tsmax Temperature tL
Spec. No. : HD200206 Issued Date : 2002.05.01 Revised Date : 2005.08.16 Page No. : 4/4
Critical Zone TL to TP
Tsmin tS Preheat
Ramp-down
25 t 25oC to Peak Time
Profile Feature Average ramp-up rate (TL to TP) Preheat - Temperature Min (Tsmin) - Temperature Max (Tsmax) - Time (min to max) (ts) Tsmax to TL - Ramp-up Rate Time maintained above: - Temperature (TL) - Time (tL) Peak Temperature (TP) Time within 5oC of actual Peak Temperature (tP) Ramp-down Rate Time 25oC to Peak Temperature 3. Flow (wave) soldering (solder dipping) Products Pb devices. Pb-Free devices.
Sn-Pb Eutectic Assembly <3 C/sec 100oC 150oC 60~120 sec <3oC/sec 183oC 60~150 sec 240 C +0/-5 C 10~30 sec <6oC/sec <6 minutes
o o o
Pb-Free Assembly <3oC/sec 150oC 200oC 60~180 sec <3oC/sec 217oC 60~150 sec 260oC +0/-5oC 20~40 sec <6oC/sec <8 minutes
Peak temperature 245 C 5 C
o o
Dipping time 5sec 1sec 5sec 1sec
260 C +0/-5 C
o
o
HLB122D
HSMC Product Specification


▲Up To Search▲   

 
Price & Availability of HLB122D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X